PART |
Description |
Maker |
XC5204-4PCG84I XC5210-4PQ208I XC5206-3TQG144I XC52 |
FPGA, 120 CLBS, 4000 GATES, 83 MHz, PQCC84 FPGA, 324 CLBS, 10000 GATES, 83 MHz, PQFP208 FPGA, 196 CLBS, 6000 GATES, 83 MHz, PQFP144 FPGA, 196 CLBS, 6000 GATES, 83 MHz, PQFP208
|
XILINX INC
|
XC2S50E-6PQG208C XC2S300E-6PQG208I |
50,000 SYSTEM GATE 1.8V FPGA - NOT RECOMMENDED for NEW DESIGN FPGA, 384 CLBS, 23000 GATES, 357 MHz, PQFP208 300,000 SYSTEM GATE 1.8V FPGA - NOT RECOMMENDED for NEW DESIGN FPGA, 1536 CLBS, 93000 GATES, 357 MHz, PQFP208
|
Xilinx, Inc.
|
A54SX16 A54SX32 A54SX08P-3BG208 A54SX08P-3BG208I A |
SX Family FPGAs FPGA, 2880 CLBS, 32000 GATES, 320 MHz, PBGA313 FPGA, 2880 CLBS, 32000 GATES, 320 MHz, PQFP208 FPGA, 768 CLBS, 8000 GATES, 320 MHz, PQFP144 FPGA, 768 CLBS, 8000 GATES, 350 MHz, PBGA144 FPGA, 1452 CLBS, 16000 GATES, 240 MHz, PQFP208 PLASTIC, MO-143, QFP-208 FPGA, 1452 CLBS, 16000 GATES, 350 MHz, PQFP208 PLASTIC, MO-143, QFP-208 FPGA, 1452 CLBS, 16000 GATES, 320 MHz, PQFP208 PLASTIC, MO-143, QFP-208 FPGA, 1452 CLBS, 16000 GATES, 280 MHz, PQFP208 PLASTIC, MO-143, QFP-208 FPGA, 1452 CLBS, 16000 GATES, 350 MHz, PQFP176 1.40 MM HEIGHT, MO-136, TQFP-176 FPGA, 1452 CLBS, 16000 GATES, 350 MHz, PQFP144 1.40 MM HEIGHT, MO-136, TQFP-144 FPGA, 768 CLBS, 8000 GATES, 240 MHz, PQFP176 1.40 MM HEIGHT, ROHS COMPLIANT, TQFP-176 FPGA, 1452 CLBS, 16000 GATES, 240 MHz, PQFP176 1.40 MM HEIGHT, ROHS COMPLIANT, TQFP-176 FPGA, 2880 CLBS, 32000 GATES, 280 MHz, PQFP144 Leading Edge Performance
|
Vicor, Corp. Electronic Theatre Controls, Inc. Actel, Corp. Actel Corporation
|
TSC251G1DXXX-L12CB TSC251G1DXXX-L12CED TSC251G1DXX |
FPGA, CYCLONE III, 5K LE, 164MQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:106; IC CYCLONE III FPGA 5K 256-UBGA IC CYCLONE III FPGA 55K 484 UBGA IC CYCLONE III FPGA 55K 780 FBGA IC CYCLONE III FPGA 55K 780FBGA 8-BIT MICROCONTROLLER 8位微控制
|
Cypress Semiconductor Corp. Electronic Theatre Controls, Inc.
|
XC5215-6HQ240C XC5215-6HQ208C XC5200-4PC84C XC5206 |
TV 6C 6#12 SKT RECP TV 6C 6#220 PIN RECP FPGA, 120 CLBS, 4000 GATES, 83 MHz, CPGA156 CTV 6C 6#22D PIN RECP 现场可编程门阵列 Field Programmable Gate Arrays 现场可编程门阵列 Field Programmable Gate Arrays FPGA, 64 CLBS, 2000 GATES, 10 MHz, PQFP64 ARTESYN PART 现场可编程门阵列 Field Programmable Gate Arrays FPGA, 120 CLBS, 4000 GATES, 83 MHz, PQFP100 Field Programmable Gate Arrays FPGA, 484 CLBS, 15000 GATES, 83 MHz, PQFP208 ECONOLINE: RZ - 1kVDC Isolation- SMD Package Styles- 5V, 12V and 15V Output- UL94V-0 Package Material- No Heatsink Required- No Extern. Components- Toroidal Magnetics- Efficiency to 62% FPGA, 324 CLBS, 10000 GATES, 83 MHz, PQFP208 Field Programmable Gate Arrays FPGA, 484 CLBS, 15000 GATES, 83 MHz, PQFP160 Field Programmable Gate Arrays FPGA, 324 CLBS, 10000 GATES, 83 MHz, CPGA223 Low-cost, register/latch rich, SRAM based
|
Xilinx, Inc. XILINX INC
|
A3P015-QN68IQN68 A3P015-2QNG68IQN68 A3P015-1QNG68I |
FPGA, 15000 GATES, QCC68 0.50 MM PITCH, QFN-68 FPGA, 15000 GATES, QCC68 0.50 MM PITCH, GREEN, QFN-68 FPGA, 125000 GATES, PQFP100 0.50 MM PITCH, GREEN, VQFP-100 FPGA, 1000000 GATES, PBGA144 1 MM PITCH, GREEN, FBGA-144 FPGA, 125000 GATES, PQFP100 0.50 MM PITCH, VQFP-100 FPGA, 125000 GATES, PQFP144 0.50 MM PITCH, TQFP-144 FPGA, 125000 GATES, PQFP144 0.50 MM PITCH, GREEN, TQFP-144 FPGA, 1000000 GATES, PBGA256 1 MM PITCH, GREEN, FBGA-256 FPGA, 250000 GATES, PQFP100 0.50 MM PITCH, VQFP-100 FPGA, 250000 GATES, PQFP100 0.50 MM PITCH, GREEN, VQFP-100 FPGA, 250000 GATES, PQFP208
|
Panduit, Corp. L-com, Inc.
|
ST2L05R3315K5 ST2L05R1833PT ST2L05R2833PS ST2L05R3 |
TRANSISTOR,MOSFET,N-CHANNEL,20V V(BR)DSS,14A I(D),LLCC RoHS Compliant: Yes ER 1C 1#4 SKT PLUG ER 3C 2#16 1#0 SKT PLUG VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR 极低的静态电流双电压调节 Cyclone II FPGA 8K FBGA-256 极低的静态电流双电压调节 Stratix FPGA 80K FBGA-1508 极低的静态电流双电压调节 CYCLONE III FPGA 10K 144-EQFP 极低的静态电流双电压调节 Stratix II GX FPGA 30K FPGA-780 极低的静态电流双电压调节
|
意法半导 STMicroelectronics N.V.
|
A3P060-1CSG121I A3P060-1CS121 A3P1000-1PQ208 A3P10 |
FPGA, 1536 CLBS, 60000 GATES, PBGA121 6 X 6 MM, 0.99 MM HEIGHT, 0.50 MM PITCH, GREEN, CSP-121 FPGA, 1536 CLBS, 60000 GATES, PBGA121 6 X 6 MM, 0.99 MM HEIGHT, 0.50 MM PITCH, CSP-121 FPGA, 24576 CLBS, 1000000 GATES, 350 MHz, PQFP208 28 X 28 MM, 3.40 MM HEIGHT, 0.50 MM PITCH, PLASTIC, QFP-208 FPGA, 3072 CLBS, 125000 GATES, 350 MHz, PQFP144 20 X 20 MM, 1.40 MM HEIGHT, 0.50 MM PITCH, TQFP-144 FPGA, 3072 CLBS, 125000 GATES, 350 MHz, PQFP100 14 X 14 MM, 1 MM HEIGHT, 0.50 MM PITCH, VQFP-100
|
Duracell
|
TSC251G2DXXX-24IA TSC251G2DXXX-24IB TSC251G2DXXX-L |
IC CYCLONE III FPGA 80K 484 FBGA IC CYCLONE III FPGA 80K 780FBGA IC CYCLONE III FPGA 5K 144 EQFP IC CYCLONE III FPGA 5K 256 UBGA IC CYCLONE III FPGA 5K 256-UBGA IC CYCLONE III FPGA 5K 256 FBGA IC CYCLONE III FPGA 55K 484 UBGA 8/16-bit Microcontroller with Serial Communication Interfaces 16位产品微控制器的串行通信接口
|
Atmel, Corp.
|
LFXP3C-5Q208I |
FPGA, 384 CLBS, PQFP208
|
LATTICE SEMICONDUCTOR CORP
|
|